Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2577 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce AN2577
Description  Using the eTPU angle clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2577 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button AN2577 Datasheet HTML 17Page - STMicroelectronics AN2577 Datasheet HTML 18Page - STMicroelectronics AN2577 Datasheet HTML 19Page - STMicroelectronics AN2577 Datasheet HTML 20Page - STMicroelectronics AN2577 Datasheet HTML 21Page - STMicroelectronics AN2577 Datasheet HTML 22Page - STMicroelectronics AN2577 Datasheet HTML 23Page - STMicroelectronics AN2577 Datasheet HTML 24Page - STMicroelectronics AN2577 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
AN2577
System design
21/34
Note:
Asserting HOLD will always subtract exactly one tooth from the TCR2 angle count. The
correction is made by stopping the count, and the angle count does not decrement or repeat
any count.
3.5
Tooth circuit failure
If the tooth circuit fails and the failure is detected by the host, the software may implement a
limp home strategy. The eTPU angle clock provides a method to disconnect the angle clock
system from the Channel 0 input so that spurious signals from the tooth circuit will not
disrupt the limp home system. In that event, the host may configure the eTPU such that
Channel 0 continues to monitor the tooth circuit for diagnostic purpose. See the Reference
Manual for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34