Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2479 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN2479
Description  The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2479 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN2479 Datasheet HTML 9Page - STMicroelectronics AN2479 Datasheet HTML 10Page - STMicroelectronics AN2479 Datasheet HTML 11Page - STMicroelectronics AN2479 Datasheet HTML 12Page - STMicroelectronics AN2479 Datasheet HTML 13Page - STMicroelectronics AN2479 Datasheet HTML 14Page - STMicroelectronics AN2479 Datasheet HTML 15Page - STMicroelectronics AN2479 Datasheet HTML 16Page - STMicroelectronics AN2479 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AN2479
Design guidelines for PCB schematic and layout
Doc ID 12956 Rev 2
13/23
In order to dissipate heat, it is mandatory to have a large ground plane on both layers (top
and bottom) and to solder the slug on the PCB.
Figure 16.
Dissipating the heat
Solder the PLL filter as close as possible to the FILT pin.
Figure 17.
PLL filter
Large ground plane
PLL filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23