Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2021 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 28Page - STMicroelectronics AN2021 Datasheet HTML 29Page - STMicroelectronics AN2021 Datasheet HTML 30Page - STMicroelectronics AN2021 Datasheet HTML 31Page - STMicroelectronics AN2021 Datasheet HTML 32Page - STMicroelectronics AN2021 Datasheet HTML 33Page - STMicroelectronics AN2021 Datasheet HTML 34Page - STMicroelectronics AN2021 Datasheet HTML 35Page - STMicroelectronics AN2021 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
New registers
AN2021
32/39
4.4.1
Hardware impact
None.
4.4.2
Software impact
None.
1CANPAR
CAN Parallel Mode Selection
0: CAN2 is mapped on P4.4/P4.7, while CAN1 is mapped on P4.5/P4.6
1: CAN1 and CAN2 are mapped in parallel on P4.5/P4.6. This is effective
only if both CAN1 and CAN2 are enabled (bits CAN1EN and CAN2EN set
in XPERCON register). If CAN1 is disabled, CAN2 remains on P4.4/P4.7
even if the CANPAR bit is set.
0
ADCMUX
Port1L ADC Channels Enable
0: Analog inputs on port P5.y can be converted (default configuration)
1: Analog inputs on port P1.z can be converted. Only 8 channels can be
managed
Table 18.
XMISC register description (continued)
Bit
Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39