Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3026 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3026
Description  650 KHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3026 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3026 Datasheet HTML 1Page - KR Electronics, Inc. 3026 Datasheet HTML 2Page - KR Electronics, Inc. 3026 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3026, 650 KHz Bandpass, Rev 0, June 17, 2011
KR Electronics, Inc.
KR Electronics part number 3026 is a 650 KHz bandpass filter.
The filter has a minimum 1 dB bandwidth of 60 KHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 650 KHz Bandpass
 Minimum 1 dB Bandwidth 60 KHz
 75  Source and Load
 F-Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3026

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3026 ETC1-3026 Datasheet
143Kb / 4P
OEM Accelerometer Piezoresistive Low Cost
logo
3M Electronics
3026 3M-3026 Datasheet
210Kb / 2P
Particulate Filter 2091, P100
Date 9/1/09
logo
Abbatron All Rights Res...
3026 ABBATRON-3026 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3026 KEYSTONE-3026 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
List of Unclassifed Man...
3026-050-N ETC1-3026-050-N Datasheet
143Kb / 4P
OEM Accelerometer Piezoresistive Low Cost
More results

Description similaire - 3026

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2851 KR-2851 Datasheet
50Kb / 2P
500 KHz bandpass filter
2869 KR-2869 Datasheet
97Kb / 2P
20 KHz bandpass filter
logo
Analog Devices
ADP1614 AD-ADP1614 Datasheet
415Kb / 16P
650 kHz/1.3 MHz, 4 A, Step-Up
REV. 0
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
190 MHz Bandpass Filter 200 kHz Bandwidth
logo
KR Electronics, Inc.
3031 KR-3031 Datasheet
49Kb / 3P
727 KHz Bandpass
3113 KR-3113 Datasheet
225Kb / 3P
100 KHz Differential Bandpass
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
90 KHz Bandpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com