Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16856GS Fiches technique(PDF) 9 Page - NEC

No de pièce UPD16856GS
Description  MONOLITHIC CD-ROM 3-PHASE SPINDLE MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16856GS Fiches technique(HTML) 9 Page - NEC

Back Button UPD16856GS Datasheet HTML 5Page - NEC UPD16856GS Datasheet HTML 6Page - NEC UPD16856GS Datasheet HTML 7Page - NEC UPD16856GS Datasheet HTML 8Page - NEC UPD16856GS Datasheet HTML 9Page - NEC UPD16856GS Datasheet HTML 10Page - NEC UPD16856GS Datasheet HTML 11Page - NEC UPD16856GS Datasheet HTML 12Page - NEC UPD16856GS Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
µµµµPD16856
Data Sheet S13447EJ1V0DS00
(4) Standby Mode
The setting of the standby mode allows the power supply in the device to be turned off forcibly.
The status of outputs from pins in standby is high impedance (H-bridge all OFF). In addition it is possible to
reduce the circuit current since the internal oscillation block stops.
When the stop operation is executed by the standby pin during normal operation, the motor is stopped by inertia
force.
When the normal status is reset, it takes several tens of
µs to be activated.
STB Pin
Operation Mode
H
Normal operation mode
L
Standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16