Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3016 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 3016
Description  80 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3016 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  3016 Datasheet HTML 1Page - KR Electronics, Inc. 3016 Datasheet HTML 2Page - KR Electronics, Inc. 3016 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2011, KR Electronics, Inc.
3016, 80 MHz Bandpass, Rev 0, April 26, 2011
KR Electronics
KR Electronics part number 3016 is a 80 MHz bandpass filter.
The filter has a 3 dB bandwidth of 4 MHz. Other center frequen-
cies and bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 80 MHz Bandpass Filter
 4 MHz 3 dB Bandwidth
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 3016

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
3016 ETC2-3016 Datasheet
99Kb / 1P
TEST TIPS AND PLUGS
3016 ETC2-3016 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Adafruit Industries
3016 ADAFRUIT-3016 Datasheet
106Kb / 2P
Pimoroni pHAT DAC for Raspberry Pi Zero
logo
TE Connectivity Ltd
3016-D1-A-X TEC-3016-D1-A-X Datasheet
5Mb / 8P
M.2 (NGFF) Connectors
01/2014
3016-D1-B-X TEC-3016-D1-B-X Datasheet
5Mb / 8P
M.2 (NGFF) Connectors
01/2014
More results

Description similaire - 3016

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
855679 TRIQUINT-855679 Datasheet
65Kb / 1P
80 MHz Bandpass Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
SF0250BA02425S ICST-SF0250BA02425S Datasheet
82Kb / 3P
250 MHz SAW Bandpass Filter 80 MHz bandwidth
Rev X5
logo
KR Electronics, Inc.
2865 KR-2865 Datasheet
48Kb / 2P
80 MHz bandpass filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Spectrum Microwave, Inc...
SF0307BA03149S SPECTRUM-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
logo
API Technologies Corp
SF0307BA03149S APITECH-SF0307BA03149S Datasheet
152Kb / 3P
307.2 MHz SAW bandpass filter with 80 MHz bandwidth
logo
TriQuint Semiconductor
855679 TRIQUINT-855679_15 Datasheet
67Kb / 1P
80 MHz Bandpass Filter 8 MHz Bandwidth
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com