Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0434 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 44Page - STMicroelectronics UM0434 Datasheet HTML 45Page - STMicroelectronics UM0434 Datasheet HTML 46Page - STMicroelectronics UM0434 Datasheet HTML 47Page - STMicroelectronics UM0434 Datasheet HTML 48Page - STMicroelectronics UM0434 Datasheet HTML 49Page - STMicroelectronics UM0434 Datasheet HTML 50Page - STMicroelectronics UM0434 Datasheet HTML 51Page - STMicroelectronics UM0434 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 390 page
background image
UM0434
Register model
49/391
CR setting for integer instructions
For all integer word instructions with the Rc bit defined and set, and for addic., andi., and
andis., CR0[32–34] are set by signed comparison of bits 32–63 of the result to zero; CR[35]
is copied from the final state of XER[SO]. The Rc bit is not defined for double-word integer
operations.
if
(target_register)32–63 < 0 then c ← 0b100
else if (target_register)32–63 > 0 then c ← 0b010
else
c
← 0b001
CR0
← c || XER
SO
The value of any undefined portion of the result is undefined, and the value placed into the
first three bits of CR0 is undefined. CR0 bits are interpreted as described in
Table 17.
CR1[2]
38
00110
Zero (EQ)—For SPE and SPFP compare and test instructions:
Set to the OR of the result of the compare of the high and low elements.
CR1[3]
39
00111
Summary overflow (SO)—For SPE and SPFP compare and test instructions:
Set to the AND of the result of the compare of the high and low elements.
CR
n[0]
40
44
48
52
56
60
01000
01100
10000
10100
11000
11100
Less than (LT)
For integer compare instructions:
rA < SIMM or rB (signed comparison) or rA < UIMM or rB (unsigned comparison).
For SPE and SPFP compare and test instructions:
Set if the high-order element of rA = the high-order element of rB; cleared otherwise.
CR
n[1]
41
45
49
53
57
61
01001
01101
10001
10101
11001
11101
Greater than (GT)
For integer compare instructions:
rA > SIMM or rB (signed comparison) or rA > UIMM or rB (unsigned comparison).
For SPE and SPFP compare and test instructions:
Set if the low-order element of rA = the low-order element of rB; cleared otherwise.
CR
n[2]
42
46
50
54
58
62
01010
01110
10010
10110
11010
11110
Equal (EQ)
For integer compare instructions: rA = SIMM, UIMM, or rB.
For SPE and SPFP compare and test instructions:
Set to the OR of the result of the compare of the high and low elements.
CR
n[3]
43
47
51
55
59
63
01011
01111
10011
10111
11011
11111
Summary overflow (SO).
For integer compare instructions, this is a copy of XER[SO] at the completion of the
instruction.
For SPE and SPFP vector compare and test instructions:
Set to the AND of the result of the compare of the high and low elements.
Table 16.
BI operand settings for CR fields (continued)
CR
n
Bits
CR
Bits
BI
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More