Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2999 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2999
Description  20 MHz Lowpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2999 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2999 Datasheet HTML 1Page - KR Electronics, Inc. 2999 Datasheet HTML 2Page - KR Electronics, Inc. 2999 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2999, 20 MHz Lowpass, Rev 0, August 18, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
100 . 000
000
MHz
Avg
16
18 Aug 2010 12:48:30
KR Electronics, Inc.
KR Electronics part number 2999 is a 20 MHz lowpass filter.
The filter has a minimum 2 dB bandwidth of 20 MHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 20 MHz Lowpass
 60 dB Rejection min at 30 MHz
 Elliptic Type for High Selectivity
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2999

FabricantNo de pièceFiches techniqueDescription
logo
Festo Corporation.
2999476 FESTO-2999476 Datasheet
113Kb / 1P
Sub-base
logo
Weidmuller
2999800000 WEIDMULLER-2999800000 Datasheet
361Kb / 4P
FMC 5.2/1.5 SC
2999810000 WEIDMULLER-2999810000 Datasheet
353Kb / 4P
FMC 5.2/1.5 BR
More results

Description similaire - 2999

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2832-SMA KR-2832-SMA Datasheet
61Kb / 2P
7.5 MHz Lowpass
2829-SMA KR-2829-SMA Datasheet
42Kb / 2P
760 MHz Lowpass
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3008 KR-3008 Datasheet
48Kb / 3P
1250 MHz Lowpass
3013-1 KR-3013-1 Datasheet
47Kb / 3P
185 MHz Lowpass
3018-1 KR-3018-1 Datasheet
51Kb / 3P
30 MHz Lowpass
3025 KR-3025 Datasheet
57Kb / 3P
90 MHz Lowpass
2455-SMD KR-2455-SMD Datasheet
170Kb / 3P
45 MHz Lowpass
2789-SMD KR-2789-SMD Datasheet
57Kb / 3P
40 MHz Lowpass
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com