Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2997 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2997
Description  70 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2997 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2997 Datasheet HTML 1Page - KR Electronics, Inc. 2997 Datasheet HTML 2Page - KR Electronics, Inc. 2997 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2997, Rev 0, July 17, 2010
KR Electronics, Inc.
KR 2997 is a 70 MHz bandpass filter. The minimum 3 dB band-
width is 4 MHz. Other center frequencies and bandwidths avail-
able. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Center Frequency
 4 MHz min 3 dB Bandwidth
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2997

FabricantNo de pièceFiches techniqueDescription
logo
Adafruit Industries
2997 ADAFRUIT-2997 Datasheet
96Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - White
logo
List of Unclassifed Man...
2997-6003 ETC2-2997-6003 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
logo
Weidmuller
2997890000 WEIDMULLER-2997890000 Datasheet
524Kb / 9P
BVZ 7.62HP/10/180FC SN BK BX SO
More results

Description similaire - 2997

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2925 KR-2925 Datasheet
101Kb / 3P
70 MHz Center Frequency
2924 KR-2924 Datasheet
102Kb / 3P
70 MHz Center Frequency
2871-SMA KR-2871-SMA Datasheet
49Kb / 2P
70 MHz Center Frequency
2866-SMA KR-2866-SMA Datasheet
37Kb / 2P
70 MHz Center Frequency
2657-N KR-2657-N Datasheet
40Kb / 2P
70 MHz Center Frequency
2972 KR-2972 Datasheet
53Kb / 3P
70 MHz Center Frequency
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
3011 KR-3011 Datasheet
62Kb / 3P
70 MHz Center Frequency
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com