Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2987 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2987
Description  Elliptic Lowpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2987 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2987 Datasheet HTML 1Page - KR Electronics, Inc. 2987 Datasheet HTML 2Page - KR Electronics, Inc. 2987 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2987, Rev 0, April 27, 2010
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
3 000 . 000
000
MHz
Avg
16
27 Apr 2010 11:16:51
KR Electronics, Inc.
KR Electronics part number 2987 is a 350 MHz lowpass filter.
The filter is an elliptic type filter with a sharp cut-off and 60 dB
minimum attenuation. Other bandwidths are available. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
 Elliptic Lowpass
 350 MHz min 1 dB Bandwidth
 447 MHz typical 3 dB Bandwidth
 60 dB Stopband Attenuation
 N Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2987

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
2987 ALLEGRO-2987 Datasheet
84Kb / 8P
8-CHANNEL SOURCE DRIVER WITH OVER-CURRENT PROTECTION
logo
Adafruit Industries
2987 ADAFRUIT-2987 Datasheet
81Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Yellow
logo
PHOENIX CONTACT
2987024 PHOENIX-2987024 Datasheet
131Kb / 12P
Relay Module - PLC-RSP- 24UC/21AU/RW
2987095 PHOENIX-2987095 Datasheet
125Kb / 4P
PLC-RSP21HC/RW
2987105 PHOENIX-2987105 Datasheet
313Kb / 10P
Relay Module - PLC-RSP- 24UC/21-21/RW
10/27/2021
More results

Description similaire - 2987

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-6 LINER-LTC1069-6 Datasheet
226Kb / 8P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Maxim Integrated Produc...
MAX293 MAXIM-MAX293 Datasheet
345Kb / 8P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
Rev 0; 6/92
MAX7400 MAXIM-MAX7400 Datasheet
190Kb / 12P
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-4764; Rev 2; 6/99
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
logo
KR Electronics, Inc.
2914 KR-2914 Datasheet
62Kb / 2P
450 MHz elliptic type lowpass filter
logo
Linear Technology
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-6 LINER-LTC1069-6_15 Datasheet
174Kb / 10P
Single Supply, Very Low Power, Elliptic Lowpass Filter
logo
Mixed Signal Integratio...
MSELP MSI-MSELP Datasheet
294Kb / 7P
Switched Capacitor Elliptic Lowpass Filter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com