Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4417 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN4417
Description  This document provides an overview
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4417 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN4417 Datasheet HTML 9Page - STMicroelectronics AN4417 Datasheet HTML 10Page - STMicroelectronics AN4417 Datasheet HTML 11Page - STMicroelectronics AN4417 Datasheet HTML 12Page - STMicroelectronics AN4417 Datasheet HTML 13Page - STMicroelectronics AN4417 Datasheet HTML 14Page - STMicroelectronics AN4417 Datasheet HTML 15Page - STMicroelectronics AN4417 Datasheet HTML 16Page - STMicroelectronics AN4417 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID025623 Rev 2
13/22
AN4417
SPC564Axx/SPC56ELxx exception cases
21
Figure 4. Flash 2b ECC error
3.1.2
Machine check exception status
3.1.3
Flash 2b ECC error detection by ECSM
Flash controller provides detection ability of ECC errors detection.
Table 5. Flash 2b ECC - machine check exception status in core registers
Register
Description
MCSRR0
Address of the instruction that caused the exception. In case of ECC error in the
data flash area, register modification is needed.
MCSR
Type of operation is highlighted here, instruction fetch, data load or data write.
MCAR
Target address that was accessed, but finished with 2b ECC error. This address
can be used for further analysis.
Table 6. Flash 2b ECC – ECSM registers related to ECC error detection
Register
Description
ECSM_ESR
The ECSM_ESR signals the last, properly enabled (in ECSM_ECR) memory
event to be detected. RAM and Flash single bit errors, as well as dual bit errors,
are signaled by separated status bits.
ECSM_ESR.R1BC A reportable single-bit platform RAM correction has been detected.
ECSM_ESR.RNCE A reportable non-correctable platform RAM error (2b ECC) has been detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22