Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4366 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN4366
Description  Compensate the input offset of a high-side current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4366 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN4366 Datasheet HTML 1Page - STMicroelectronics AN4366 Datasheet HTML 2Page - STMicroelectronics AN4366 Datasheet HTML 3Page - STMicroelectronics AN4366 Datasheet HTML 4Page - STMicroelectronics AN4366 Datasheet HTML 5Page - STMicroelectronics AN4366 Datasheet HTML 6Page - STMicroelectronics AN4366 Datasheet HTML 7Page - STMicroelectronics AN4366 Datasheet HTML 8Page - STMicroelectronics AN4366 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Definition of input offset voltage (Vos)
AN4366
4/14
DocID025330 Rev 1
1
Definition of input offset voltage (Vos)
The input offset voltage (Vos) is defined as the intersection between the linear regression
of the Vout vs. the Vsense curve with the X-axis (see Figure 2).
If Vout1 is the output voltage where Vsense = Vsense1, and if Vout2 is the output voltage
where Vsense = Vsense2, then Vos can be calculated using following equation 1:
Figure 2: Vout vs Vsense
Vout
∗Vout
Vos
Vsense2
Vsense
Vout
Vsense1
Vout_1
Vout_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14