| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3410 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3410 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 28 page ![]() AN3410 Conducted EMI Doc ID 018890 Rev 1 21/28 10 Conducted EMI The following plots each show the maximum of 3 successive sweeps (peak hold). This unit should pass average and quasi-peak testing as is. If difficulties are encountered, the values of C7 and C1 can be increased at the expense of reduced power factor. Figure 18. Conducted EMI, line 1 Figure 19. Conducted EMI, line 2 |