Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2972 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2972
Description  70 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2972 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2972 Datasheet HTML 1Page - KR Electronics, Inc. 2972 Datasheet HTML 2Page - KR Electronics, Inc. 2972 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2972, 70 MHz Bandpass, Rev 0, July 31, 2010
KR Electronics, Inc.
KR Electronics part number 2972 is a 70 MHz bandpass filter.
The filter has a minimum 1.5 dB bandwidth of 40 MHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 70 MHz Center Frequency
 40 MHz minimum 1.5 dB Bandwidth
 Elliptic Type for High Selectivity
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Numéro de pièce similaire - 2972

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2972 HEYCO-2972 Datasheet
139Kb / 1P
Nylon D-Subminiature Mounting Hole Plugs
logo
PHOENIX CONTACT
2972136 PHOENIX-2972136 Datasheet
124Kb / 4P
UMK- PVB 6
logo
Lapp.
2972156 LAPP-2972156 Datasheet
723Kb / 3P
FLEXIMARK character holders PTEF
28.01.2019
2972157 LAPP-2972157 Datasheet
723Kb / 3P
FLEXIMARK character holders PTEF
28.01.2019
2972180 LAPP-2972180 Datasheet
723Kb / 3P
FLEXIMARK character holders PTEF
28.01.2019
More results

Description similaire - 2972

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2925 KR-2925 Datasheet
101Kb / 3P
70 MHz Center Frequency
2924 KR-2924 Datasheet
102Kb / 3P
70 MHz Center Frequency
2871-SMA KR-2871-SMA Datasheet
49Kb / 2P
70 MHz Center Frequency
2866-SMA KR-2866-SMA Datasheet
37Kb / 2P
70 MHz Center Frequency
2657-N KR-2657-N Datasheet
40Kb / 2P
70 MHz Center Frequency
2993 KR-2993 Datasheet
66Kb / 3P
70 MHz Center Frequency
2997 KR-2997 Datasheet
75Kb / 3P
70 MHz Center Frequency
3011 KR-3011 Datasheet
62Kb / 3P
70 MHz Center Frequency
2924+ KR-2924+ Datasheet
102Kb / 3P
70 MHz Center Frequency
2925+ KR-2925+ Datasheet
101Kb / 3P
70 MHz Center Frequency
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com