Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2959 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2959
Description  60 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2959 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2959 Datasheet HTML 1Page - KR Electronics, Inc. 2959 Datasheet HTML 2Page - KR Electronics, Inc. 2959 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2959, 60 MHz Bandpass, Rev 0, January 4, 2010
KR Electronics, Inc.
KR Electronics part number 2959 is a 60 MHz elliptic bandpass
filter. The filter has a typical 1 dB bandwidth of 9 MHz. Other
center frequencies and bandwidths available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 60 MHz Center Frequency
 Elliptic Bandpass
 Typical 1 dB Bandwidth, 9 MHz min
 50  Source and Load
 SMA Connectors
 Also available in surface mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2959

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2959 ETC-2959 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
Renesas Technology Corp
2959 RENESAS-2959 Datasheet
207Kb / 6P
SILICON TRANSISTORS
2002
logo
Heyco.
2959 HEYCO-2959 Datasheet
133Kb / 1P
Double D Hole Plugs
2959 HEYCO-2959 Datasheet
111Kb / 1P
Strain Relief Mounting Hole Plugs
logo
PHOENIX CONTACT
2959298 PHOENIX-2959298 Datasheet
56Kb / 3P
Inexpensive as a result of reducing the number of separate housing parts
More results

Description similaire - 2959

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2882 KR-2882 Datasheet
92Kb / 2P
60 MHz Center Frequency
2807-1 KR-2807-1 Datasheet
53Kb / 3P
60 MHz Center Frequency
2926 KR-2926 Datasheet
102Kb / 3P
60 MHz Center Frequency
2941-1 KR-2941-1 Datasheet
53Kb / 3P
60 MHz Center Frequency
2941-2 KR-2941-2 Datasheet
53Kb / 3P
60 MHz Center Frequency
2946-6 KR-2946-6 Datasheet
53Kb / 3P
60 MHz Center Frequency
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com