Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2949 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2949
Description  1000 MHz Bandpass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2949 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2949 Datasheet HTML 1Page - KR Electronics, Inc. 2949 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2949, 1000 MHz Bandpass, Rev 0, November 12, 2009
CH2
S31
LOG
1 dB/
REF 0 dB
CENTER
1 000 . 000
000
MHz
SPAN
600 . 000
000
MHz
Cor
CH4
S31
DEL
1 ns/
REF 0 s
Cor
Smo
13 Nov 2009 13:58:12
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
3 000 . 000
000
MHz
Cor
13 Nov 2009 14:03:07
KR Electronics, Inc.
KR Electronics part number 2949 is a 1000 MHz bandpass filter.
The filter has a 3 dB bandwidth of 500 MHz. Other center fre-
quencies and bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 1000 MHz Bandpass
 3 dB Bandwidth of 500 MHz ±10%
 4 Sections
 Surface Mount
 Other configuration available
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 1 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2949

FabricantNo de pièceFiches techniqueDescription
logo
Festo Corporation.
2949 FESTO-2949 Datasheet
94Kb / 2P
Roller lever valve
4/8/22
logo
Heyco.
2949 HEYCO-2949 Datasheet
401Kb / 1P
Wire Connectors
logo
KR Electronics, Inc.
2949-SMA KR-2949-SMA Datasheet
100Kb / 3P
1000 MHz Bandpass Filter
logo
ABB
29491725-1 ABB-29491725-1 Datasheet
1Mb / 32P
Pilot devices, 22 mm
edition 3 September 2005
logo
ERNI Electronics
294919 ERNI-294919 Datasheet
62Kb / 1P
M 1,27 SRC P, 10-polig BA1
More results

Description similaire - 2949

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
2949-SMA KR-2949-SMA Datasheet
100Kb / 3P
1000 MHz Bandpass Filter
3002 KR-3002 Datasheet
48Kb / 3P
174 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
3306-1000-90 KR-3306-1000-90 Datasheet
73Kb / 3P
1000 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com