Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2940 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2940
Description  27 MHz Center Frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2940 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2940 Datasheet HTML 1Page - KR Electronics, Inc. 2940 Datasheet HTML 2Page - KR Electronics, Inc. 2940 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2940, 27 MHz Bandpass, Rev 0, October 2, 2009
KR Electronics
KR Electronics part number 2940 is a 27 MHz bandpass filter.
The filter has a typical 3 dB bandwidth of 1.5 MHz. Other center
frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
 27 MHz Center Frequency
 1.5 MHz Typical 3 dB Bandwidth
 3.53 MHz Typical 40 dB Bandwidth
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2940

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2940 HEYCO-2940 Datasheet
401Kb / 1P
Wire Connectors
logo
Adafruit Industries
2940 ADAFRUIT-2940 Datasheet
242Kb / 2P
Short Feather Headers Kit - 12-pin and 16- pin Female Header Set
2/1/2016
logo
AMIC Technology
29400 AMICC-29400 Datasheet
497Kb / 33P
512K X 8 Bit / 256K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
ERNI Electronics
294000 ERNI-294000 Datasheet
77Kb / 1P
0,8 DRC-B, F 4mm, 12 polig
294001 ERNI-294001 Datasheet
79Kb / 1P
0,8 DRC-B, F 4mm, 16 polig
More results

Description similaire - 2940

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
27 MHz Center Frequency
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com