Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2937 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2937
Description  20 MHz End of Passband 3 dB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2937 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2937 Datasheet HTML 1Page - KR Electronics, Inc. 2937 Datasheet HTML 2Page - KR Electronics, Inc. 2937 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2937, 20 MHz Lowpass, Rev 0, August 21, 2009
KR Electronics
KR Electronics part number 2937 is a 20 MHz lowpass filter.
Other bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 20 MHz End of Passband 3 dB
 Typical 45 dB at 44 MHz
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2937

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2937 HEYCO-2937 Datasheet
401Kb / 1P
Wire Connectors
logo
Adafruit Industries
2937 ADAFRUIT-2937 Datasheet
544Kb / 2P
USB 2.0 WiFi Hub with 3 USB Ports
logo
TE Connectivity Ltd
293702-1 TEC-293702-1 Datasheet
5Mb / 28P
NECTOR S Line lighting components
293702-2 TEC-293702-2 Datasheet
5Mb / 28P
NECTOR S Line lighting components
293702-3 TEC-293702-3 Datasheet
5Mb / 28P
NECTOR S Line lighting components
More results

Description similaire - 2937

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B3913 EPCOS-B3913 Datasheet
86Kb / 8P
Usable passband 56 MHz
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
logo
KR Electronics, Inc.
3035 KR-3035 Datasheet
61Kb / 2P
80 MHz Notch Frequency 20 MHz typical 3 dB Bandwidth 50 ??Source and Load
logo
Quanzhou Jinmei Electro...
BGD814_2015 JMNIC-BGD814_2015 Datasheet
78Kb / 12P
860 MHz, 20 dB gain power
logo
KR Electronics, Inc.
2927 KR-2927 Datasheet
52Kb / 3P
440 MHz End of Passband < 3 dB
2159-35-50 KR-2159-35-50 Datasheet
53Kb / 3P
3.5 MHz min 3 dB Bandwidth
2515-S KR-2515-S Datasheet
36Kb / 2P
50 MHz Passband
2933 KR-2933 Datasheet
61Kb / 3P
30 MHz End of Passband < 3 dB
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
3070-SMA KR-3070-SMA Datasheet
99Kb / 3P
200 MHz minimum 3 dB BW
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com