Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2778 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2778
Description  Sharp Transition to Stopband
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2778 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2778 Datasheet HTML 1Page - KR Electronics, Inc. 2778 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 50 ns
20 ns/
CENTER 78.750 000 MHz
SPAN 18.000 000 MHz
Cor
Smo
PRm
23 Aug 2007 17:54:00
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 78.750 000 MHz
SPAN 100.000 000 MHz
Cor
Avg
12
PRm
23 Aug 2007 17:54:52
KR Electronics
KR 2778+ is a 78.75 MHz bandpass filter. The filter has a mini-
mum of 3 dB bandwidth of 18 MHz . Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• > 60 dB Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2778

FabricantNo de pièceFiches techniqueDescription
logo
Multicomp Pro
2778 MULTICOMP-2778 Datasheet
275Kb / 1P
Heat Shrink Tubing Kit
06/05/21 V1.0
logo
Adafruit Industries
2778 ADAFRUIT-2778 Datasheet
678Kb / 2P
USB to 2.1mm DC Booster Cable - 12V
6-24-19
logo
Kemet Corporation
2778 KEMET-2778 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
PHOENIX CONTACT
2778013 PHOENIX-2778013 Datasheet
164Kb / 13P
Feed-through terminal block - UKK 3-LOER
2778097 PHOENIX-2778097 Datasheet
165Kb / 13P
Feed-through terminal block - UKK 3-LOER BU
More results

Description similaire - 2778

FabricantNo de pièceFiches techniqueDescription
logo
Glenair, Inc.
M24758-32C GLENAIR-M24758-32C Datasheet
192Kb / 2P
Transition
logo
KR Electronics, Inc.
3094-1 KR-3094-1 Datasheet
68Kb / 3P
124 MHz Highpass Filter Sharp Transition to the Stopband 70 dB min at 110 MHz
2884 KR-2884 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
2776 KR-2776 Datasheet
50Kb / 2P
Sharp Transition to Stopband
2757-1 KR-2757-1 Datasheet
36Kb / 2P
Sharp Transition to Stopband
2722-1 KR-2722-1 Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
List of Unclassifed Man...
6AU6 ETC1-6AU6 Datasheet
467Kb / 7P
Sharp-Cutoff Pentode
logo
Kingston Technology Far...
DT100G3 KINGSTON-DT100G3 Datasheet
371Kb / 2P
An affordable transition to USB 3.0.
logo
NXP Semiconductors
EF184 PHILIPS-EF184 Datasheet
582Kb / 15P
SHARP CUT-OFF PENTODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com