Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2803 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2803
Description  975 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2803 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2803 Datasheet HTML 1Page - KR Electronics, Inc. 2803 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 975.000 000 MHz
SPAN 1 000.000 000 MHz
Cor
PRm
CH2
S 11
log MAG
REF 0 dB
5 dB/
Cor
PRm
14 Dec 2007 17:28:38
1
1
2
3
3_:-.4032 dB
978.400 000 MHz
1_:-1.4931 dB
725 MHz
2_:-1.898 dB
1.225 GHz
2
1
2
3
3_ -21.396 dB
1_ -8.4873 dB
725 MHz
2_ -6.7876 dB
1.225 GHz
CH1
S 21
log MAG
10 dB/
REF 0 dB
START 100.000 000 MHz
STOP 3 000.000 000 MHz
Cor
PRm
14 Dec 2007 17:26:23
1
1_:-.4391 dB
975.000 000 MHz
KR Electronics
KR 2803 is a 975 MHz bandpass filter. The filter has a mini-
mum 3 dB bandwidth of 500 MHz. Other center frequencies and
bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 975 MHz Center Frequency
 3 dB Bandwidth 500 MHz min
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & Return Loss
(1 dB/div & 5 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2803

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
2803 ALLEGRO-2803 Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Visual Communications C...
2803 VCC-2803 Datasheet
115Kb / 1P
Relampable Incandescent Indicator Light
logo
Heyco.
2803 HEYCO-2803 Datasheet
102Kb / 1P
Shorty Bushings
2803 HEYCO-2803 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Abbatron All Rights Res...
2803 ABBATRON-2803 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Description similaire - 2803

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
2953 KR-2953 Datasheet
52Kb / 3P
900 MHz Center Frequency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com