Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2879 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2879
Description  140 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2879 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2879 Datasheet HTML 1Page - KR Electronics, Inc. 2879 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF -1 dB
C
CH3
S31
DEL
2 ns/
REF 40 ns
CENTER
140 . 000
000
MHz
SPAN
60 . 000
000
MHz
C
Smo
16 Dec 2008 18:31:47
CH2
S31
LOG
10 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Avg
16
16 Dec 2008 18:33:10
KR Electronics
KR 2879 is a 140 MHz group delay equalized bandpass filter.
The filter has a passband from 110 MHz to 170 MHz. Other
passband frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 140 MHz Center Frequency
 Sharp Transition to Stopband
 Group Delay Equalized
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 2 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2879

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2879 HEYCO-2879 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Multicomp Pro
2879 MULTICOMP-2879 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
Weidmuller
2879350000 WEIDMULLER-2879350000 Datasheet
512Kb / 5P
BLZP 5.08HC/12/180B SN OR BX
logo
Wiha Tools
287992 WIHA-287992 Datasheet
7Mb / 16P
WORK IN A PERFECTLY PROTECTED WAY
More results

Description similaire - 2879

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2905 KR-2905 Datasheet
72Kb / 3P
140 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2838-30-SMA KR-2838-30-SMA Datasheet
49Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
3029 KR-3029 Datasheet
71Kb / 3P
140 MHz Center Frequency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com