Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2890 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2890
Description  48.375 MHz Center Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2890 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2890 Datasheet HTML 1Page - KR Electronics, Inc. 2890 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
50 ns/
REF 0 s
CENTER
48 . 375
000
MHz
SPAN
28 . 000
000
MHz
Cor
10 Feb 2009 17:45:38
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
1 000 . 000
000
MHz
10 Feb 2009 17:47:00
KR Electronics
KR 2890 is a 48.375 MHz bandpass filter. The filter has a mini-
mum 3 dB bandwidth of 28 MHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 48.375 MHz Center Frequency
 3 dB Bandwith 28 MHz min
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 50 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2890

FabricantNo de pièceFiches techniqueDescription
logo
Adafruit Industries
2890 ADAFRUIT-2890 Datasheet
248Kb / 3P
FeatherWing Doubler - Prototyping Add-on For All Feather Boards
12/2/2015
logo
Multicomp Pro
2890 MULTICOMP-2890 Datasheet
114Kb / 1P
Round Aluminum Through Hole Spacer
01/08/12 V1.0
logo
API Delevan
2890-00K API-2890-00K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
2890-00K API-2890-00K Datasheet
1Mb / 1P
Molded Unshielded RF Coils
2890-02K API-2890-02K Datasheet
53Kb / 1P
Molded Unshielded RF Coils
More results

Description similaire - 2890

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2918 KR-2918 Datasheet
76Kb / 3P
750 MHz Center Frequency
2917 KR-2917 Datasheet
59Kb / 3P
800 MHz Center Frequency
2892-SMA KR-2892-SMA Datasheet
63Kb / 2P
250 MHz Center Frequency
2891 KR-2891 Datasheet
36Kb / 2P
500 MHz Center Frequency
2880 KR-2880 Datasheet
35Kb / 2P
140 MHz Center Frequency
2932 KR-2932 Datasheet
64Kb / 2P
210 MHz Center Frequency
2803 KR-2803 Datasheet
35Kb / 2P
975 MHz Center Frequency
2801-SMA KR-2801-SMA Datasheet
63Kb / 2P
42 MHz Center Frequency
2157-3-5-50 KR-2157-3-5-50 Datasheet
54Kb / 3P
3 MHz Center Frequency
2574-SMA KR-2574-SMA Datasheet
59Kb / 2P
20 MHz Center Frequency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com