Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2894 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2894
Description  50 MHz Cutoff Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2894 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2894 Datasheet HTML 1Page - KR Electronics, Inc. 2894 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH2
S31
LOG
1 dB/
REF 0 dB
Cor
CH4
S31
DEL
10 ns/
REF 10 ns
START
. 100
000
MHz
STOP
50 . 000
000
MHz
Cor
Smo
18 Mar 2009 17:31:31
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
. 100
000
MHz
STOP
200 . 000
000
MHz
Cor
18 Mar 2009 17:31:42
KR Electronics
KR 2894 is a 50 MHz lowpass filter. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 50 MHz Cutoff Frequency
 9th Order
 Surface Mount
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2894

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2894 POMONA-2894 Datasheet
24Kb / 1P
Binding Post To Single Banana Plug
logo
Keystone Electronics Co...
2894 KEYSTONE-2894 Datasheet
97Kb / 1P
CR1220 COIN CELL SM RETAINER
5.13.19 REV.A
logo
Pomona Electronics
2894-0 POMONA-2894-0 Datasheet
24Kb / 1P
Binding Post To Single Banana Plug
2894-2 POMONA-2894-2 Datasheet
24Kb / 1P
Binding Post To Single Banana Plug
logo
List of Unclassifed Man...
28940 ETC2-28940 Datasheet
139Kb / 1P
Selected sanding and polishing bits for all surfaces and longest
More results

Description similaire - 2894

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTC5094N3 CYSTEKEC-BTC5094N3 Datasheet
169Kb / 8P
High Cutoff Frequency NPN Epitaxial Planar Transistor
BTC5095S3 CYSTEKEC-BTC5095S3 Datasheet
176Kb / 8P
High Cutoff Frequency NPN Epitaxial Planar Transistor
BTC5096WC3 CYSTEKEC-BTC5096WC3 Datasheet
177Kb / 8P
High Cutoff Frequency NPN Epitaxial Planar Transistor
FBP5096G3 CYSTEKEC-FBP5096G3 Datasheet
281Kb / 9P
High Cutoff Frequency NPN Epitaxial Planar Transistor
logo
KR Electronics, Inc.
2886 KR-2886 Datasheet
35Kb / 2P
110 MHz Cutoff Frequency
2297-7-BNC KR-2297-7-BNC Datasheet
48Kb / 2P
16 MHz Cutoff Frequency
2297-7-BNC-1 KR-2297-7-BNC-1 Datasheet
57Kb / 3P
16 MHz Cutoff Frequency
logo
Pasternack Enterprises,...
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
50 MHz to 1000 MHz Frequency Range
logo
Silicon Laboratories
SIM3L1XX SILABS-SIM3L1XX Datasheet
2Mb / 91P
50 MHz maximum frequency
logo
NTE Electronics
NTE8065 NTE-NTE8065_16 Datasheet
61Kb / 1P
Thermal Cutoff
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com