Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2902 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2902
Description  Highpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2902 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2902 Datasheet HTML 1Page - KR Electronics, Inc. 2902 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
START
10 . 000
000
MHz
STOP
1 000 . 000
000
MHz
Cor
Hld
25 Mar 2009 17:52:43
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
1 000 . 000
000
MHz
25 Mar 2009 17:54:12
KR Electronics
KR 2902 is a 30 MHz highpass filter. Other passband frequen-
cies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 Highpass Filter
 30 MHz Cuttoff
 50  Source and Load
 Surface Mount
Typical Performance
www.krfilters.com
Passband Amplitude
(1 dB/div/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2902

FabricantNo de pièceFiches techniqueDescription
logo
Pomona Electronics
2902 POMONA-2902 Datasheet
30Kb / 1P
Size C Aluminum Box With Cover BNC Female/Female
logo
List of Unclassifed Man...
2902-6001 ETC2-2902-6001 Datasheet
578Kb / 3P
SMA IN SERIES ADAPTERS
logo
PHOENIX CONTACT
2902000 PHOENIX-2902000 Datasheet
79Kb / 6P
Signal conditioner - MINI MCR-2-I0-U
2902001 PHOENIX-2902001 Datasheet
78Kb / 5P
Signal conditioner - MINI MCR-2-I0-U-PT
2902002 PHOENIX-2902002 Datasheet
89Kb / 5P
Signal conditioner - MINI MCR-2-I4-U
More results

Description similaire - 2902

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2055 KR-2055 Datasheet
15Kb / 1P
Highpass Filter
2281 KR-2281 Datasheet
21Kb / 1P
Highpass Filter
2290-35-SMA KR-2290-35-SMA Datasheet
47Kb / 2P
Highpass Filter
2315 KR-2315 Datasheet
16Kb / 1P
Highpass Filter
2357 KR-2357 Datasheet
15Kb / 1P
Highpass Filter
2432-30-SMA KR-2432-30-SMA Datasheet
47Kb / 2P
Highpass Filter
2432-50 KR-2432-50 Datasheet
399Kb / 2P
Highpass Filter
2432-90 KR-2432-90 Datasheet
184Kb / 2P
Highpass Filter
2432-500-SMA KR-2432-500-SMA Datasheet
47Kb / 2P
Highpass Filter
2583 KR-2583 Datasheet
21Kb / 2P
Highpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com