Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2912 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2912
Description  45 MHz Cuttoff Frequency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2912 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2912 Datasheet HTML 1Page - KR Electronics, Inc. 2912 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2009, KR Electronics, Inc.
2912, 45 MHz Lowpass, Rev 0, April 18, 2009
CH2
S31
LOG
.2 dB/
REF -.6 dB
Cor
Smo
CH4
S31
DEL
10 ns/
REF 30 ns
START
. 100
000
MHz
STOP
45 . 000
000
MHz
Cor
Smo
18 Apr 2009 10:54:56
2
4
CH1
S31
LOG
5 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
3 000 . 000
000
MHz
18 Apr 2009 10:57:00
KR Electronics
KR 2912 is a 45 MHz lowpass filter. The filter is group delay
equalized for linear phase and amplitude equalized. Other pass-
band frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 45 MHz Cuttoff Frequency
 Sharp Elliptic Type Response
 Group Delay Equalized for Linear
Phase
 Surface Mount Package
 50  Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.2 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Numéro de pièce similaire - 2912

FabricantNo de pièceFiches techniqueDescription
logo
Adafruit Industries
2912 ADAFRUIT-2912 Datasheet
105Kb / 1P
Ethernet RJ45 Female Socket Push-Terminal Block
5-17-17
logo
Cornell Dubilier Electr...
29120B183JO0 CDE-29120B183JO0 Datasheet
208Kb / 5P
High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
29120B183JO0 CDE-29120B183JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
29120B203JO0 CDE-29120B203JO0 Datasheet
208Kb / 5P
High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
29120B203JO0 CDE-29120B203JO0 Datasheet
3Mb / 11P
Cylindrical Case, High-Current and High-Voltage Circuits
More results

Description similaire - 2912

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2923 KR-2923 Datasheet
51Kb / 3P
110 MHz Cuttoff Frequency
2922 KR-2922 Datasheet
51Kb / 3P
114 MHz Cuttoff Frequency
2921 KR-2921 Datasheet
51Kb / 3P
118 MHz Cuttoff Frequency
2929 KR-2929 Datasheet
47Kb / 2P
1 MHz Cuttoff Frquency
2391A-6-50 KR-2391A-6-50 Datasheet
35Kb / 2P
6 MHz Cuttoff Frquency
2391A-16-50 KR-2391A-16-50 Datasheet
35Kb / 2P
16 MHz Cuttoff Frquency
2391B-9-50 KR-2391B-9-50 Datasheet
45Kb / 2P
9 MHz Cuttoff Frquency
2391B-18-50 KR-2391B-18-50 Datasheet
47Kb / 2P
18 MHz Cuttoff Frquency
2923-SMA KR-2923-SMA Datasheet
98Kb / 3P
110 MHz Cuttoff Frequency
3341-N KR-3341-N Datasheet
88Kb / 3P
45 MHz Bandpass Frequency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com