| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16680P Fiches technique(PDF) 13 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16680P Fiches technique(HTML) 13 Page - NEC |
|
13 / 44 page ![]() Data Sheet S12694EJ2V0DS00 13 µµµµPD16680 5.3 REFERENCE VOLTAGE CIRCUIT 5.3.1 To use internal reference voltage circuit ( VEXT = L ) When internal driving circuit is chosen, 6 levels for LCD reference voltage (VLC1, VLC2, VLC3, VLC4, VLC5, VSS) is generate by internal breeder resister. 5.3.2 To use external driving circuit ( VEXT = H ) When external driving circuit is chosen, operational amplifier incorporated IC is Off. It is necessary to input voltage to VLC1, VLC2, VLC3, VLC4 and VLC5 directly. Generally, These levels are made by external breeder resister. The display dignity of LCD declines when these resistance values are big, it is necessary to choose the resistance value which corresponds with the LCD panel. There is an effect that improves display dignity when connecting a capacitor with each level pins and the ground. It is necessary to choose the condenser value which corresponds with the LCD panel. Figure 5-3. Reference voltage circuit VLC1 R to SEG, COM Outputs VLC2 R to COM Output VLC3 R to SEG Output R R VLCBS3 VLCBS2 VLC4 R to SEG Output VLC5 − R to COM Output AMPOUT to SEG, COM Output VLCBS1 VSS Voltage follower for level voltage + − + − + − + − + 5 |