| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16663 Fiches technique(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16663 Fiches technique(HTML) 21 Page - NEC |
|
21 / 40 page ![]() Data Sheet S13392EJ1V0DS00 21 µµµµPD16663 10. LCD TIMING GENERATOR CIRCUIT If master mode is entered by setting MS to H, /FRM and STB are generated at a timing that is 1/160 of the duty ratio, and driver voltage selection signals L1 and L2 are generated for the row driver. /FRM is generated twice per frame, STB 81 times per 1/2 frame or 162 times per frame. (1) /FRM, STB signal generation OSC1 PULSE STB /FRM STB 81 Frame 1 2 81 1 2 81 1 2 12 (2) L1, L2 signal generation STB 1 2 3 4 … 12 34 … 1 234 … 12 34 … L1 11 11 … 11 11 … 0 000 … 00 00 … L2 10 10 … 01 01 … 0 101 … 10 10 … |