| Moteur de recherche de fiches techniques de composants électroniques |
|
THCS134 Fiches technique(PDF) 19 Page - THine Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
THCS134 Fiches technique(HTML) 19 Page - THine Electronics, Inc. |
|
19 / 19 page ![]() THCS134_Rev.1.00_E Copyright©2014 THine Electronics, Inc. THine Electronics, Inc. Security E 19/19 Notices and Requests 1. The product specifications described in this material are subject to change without prior notice. 2. The circuit diagrams described in this material are examples of the application which may not always apply to the customer’s design. We are not responsible for possible errors and omissions in this material. Please note if errors or omissions should be found in this material, we may not be able to correct them immediately. 3. This material contains our copyright, know-how or other proprietary. Copying or disclosing to third parties the contents of this material without our prior permission is prohibited. 4. Note that if infringement of any third party’s industrial ownership should occur by using this product, we will be exempted from the responsibility unless it directly relates to the production process or functions of the product. 5. This product is presumed to be used for general electric equipment, not for the applications which require very high reliability (including medical equipment directly concerning people’s life, aerospace equipment, or nuclear control equipment). Also, when using this product for the equipment concerned with the control and safety of the transportation means, the traffic signal equipment, or various Types of safety equipment, please do it after applying appropriate measures to the product. 6. Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to have sufficiently redundant or error preventive design applied to the use of the product so as not to have our product cause any social or public damage. 7. Please note that this product is not designed to be radiation-proof. 8. Customers are asked, if required, to judge by themselves if this product falls under the category of strategic goods under the Foreign Exchange and Foreign Trade Control Law. 9. The product or peripheral parts may be damaged by a surge in voltage over the absolute maximum ratings or malfunction, if pins of the product are shorted by such as foreign substance. The damages may cause a smoking and ignition. Therefore, you are encouraged to implement safety measures by adding protection devices, such as fuses. THine Electronics, Inc. sales@thine.co.jp |