| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16640C Fiches technique(PDF) 3 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16640C Fiches technique(HTML) 3 Page - NEC |
|
3 / 16 page ![]() Data Sheet S11269EJ1V1DS00 3 µµµµ PD16640C 2. PIN CONFIGURATION ( µµµµ PD16640CN-xxx) Vsel VSS2 VDD2 V10 V8 V6 S309 S308 V4 V2 V0 R,/L D20 D21 D22 D23 D24 D25 STB STHL VDD1 CLK VSS1 STHR D10 D11 D12 D13 D14 D15 D00 D01 D02 D03 D04 D05 V1 V3 V5 V7 V9 VDD2 VSS2 Osel S2 S1 INV Copper Foil Surface S307 S3 Remark Osel and Vsel pins are internally pulled up. Therefore, the number of input pins can be reduced by opening or short-circuiting these pins to VSS2 by means of TCP writing. |