Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16633B Fiches technique(PDF) 2 Page - NEC

No de pièce UPD16633B
Description  312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16633B Fiches technique(HTML) 2 Page - NEC

  UPD16633B Datasheet HTML 1Page - NEC UPD16633B Datasheet HTML 2Page - NEC UPD16633B Datasheet HTML 3Page - NEC UPD16633B Datasheet HTML 4Page - NEC UPD16633B Datasheet HTML 5Page - NEC UPD16633B Datasheet HTML 6Page - NEC UPD16633B Datasheet HTML 7Page - NEC UPD16633B Datasheet HTML 8Page - NEC UPD16633B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
µµµµPD16633B
1. BLOCK DIAGRAM
50-bit bidirectional shift register
C1 C2
C51 C52
STHL
VDD1
VSS1
CLK
STB
Data register
Latch
POL
Level shifter
VDD2
D/A converter
V0-V9
Voltage follower output
VSS2
S1
S2
S3
S312
STHR
R/L
D00-05
D10-15
D20-25
D30-35
D40-45
D50-55
POL2
2. RELATIONSHIP BETWEEN OUTPUT CIRCUIT AND D/A CONVERTER
6-bit D/A converter
Multi-
plexer
V0
V4
V5
V9
5
5
S1
S2
S311
S312
POL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20