Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XCL101 Fiches technique(PDF) 13 Page - Torex Semiconductor

No de pièce XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Fiches technique(HTML) 13 Page - Torex Semiconductor

Back Button XCL101 Datasheet HTML 9Page - Torex Semiconductor XCL101 Datasheet HTML 10Page - Torex Semiconductor XCL101 Datasheet HTML 11Page - Torex Semiconductor XCL101 Datasheet HTML 12Page - Torex Semiconductor XCL101 Datasheet HTML 13Page - Torex Semiconductor XCL101 Datasheet HTML 14Page - Torex Semiconductor XCL101 Datasheet HTML 15Page - Torex Semiconductor XCL101 Datasheet HTML 16Page - Torex Semiconductor XCL101 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
XCL101
Series
<Top view>
<Bottom view>
■
NOTE ON USE (Continued)
●
Instruction of pattern layouts
1. In order to stabilize VBAT voltage level, we recommend that a by-pass capacitor (CIN) be connected as close as possible to the VBAT and ground pins.
2. Please mount each external component as close to the IC as possible.
3. Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit impedance.
4. Make sure that the ground traces are as thick as possible, as variations in ground potential caused by high ground currents at the time of
switching may result in instability of the IC.
5. Internal driver transistors bring on heat because of the transistor current and ON resistance of the driver transistors.
●
Recommended Pattern Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19