| Moteur de recherche de fiches techniques de composants électroniques |
|
WATCHDOGSW Fiches technique(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
WATCHDOGSW Fiches technique(HTML) 1 Page - Tripp Lite. All Rights Reserved |
|
1 / 2 page ![]() WatchDog Service Monitoring / Reboot Software MODEL NUMBER: WATCHDOGSW Description Tripp Lite's award-winning WatchDog Software automatically reboots locked-up or poorly performing system service applications, helping ensure 100% availability and profitability for kiosks, web/email servers, security system computers and other remote, unattended systems. Set CPU- and memory-usage thresholds and monitor service performance in one application, fully compatible with most Tripp Lite UPS Systems. For a complete protection and availability solution, purchase a Tripp Lite UPS System to use with WatchDog Software. The UPS System will safeguard connected equipment against downtime and damage due to blackouts, surges and other power problems. Another benefit of deploying a UPS System with WatchDog Software is the ability to reboot a completely locked system. WatchDog Software automatically directs PowerAlert Software (included FREE on the WatchDog Software CD-ROM) to reboot the computer and connected equipment by powering down and restarting the UPS System. WatchDog Software supports Windows NT, 2000 and XP Systems. Features Ensures 100% availability of remote, unattended systems (kiosks, web/email servers, security system CPUs and more) by monitoring and restarting locked-up or poorly performing services Eliminates costly troubleshooting calls Provides a complete protection and availability solution when used with a Tripp Lite UPS System Service List Interface allows managers to select the services they want WatchDog Software to monitor Configuration Interface allows managers to set CPU usage thresholds and query parameters for select services Benchmarking Interface allows managers to collect and view service performance on an easy-to-read graph and proactively address recurrent problems Supports Windows® NT, 2000 and XP systems Specifications OVERVIEW Highlights Ensures 100% availability of remote, unattended systems by monitoring and restarting locked-up or poorly performing services Eliminates costly troubleshooting calls Use with PowerAlert Software (included) and a Tripp Lite UPS System (sold separately) to provide the best protection and availability solution Applications Kiosks—informational/web-access/commerce kiosks, ATM machines, lottery machines, etc. Remote, unattended servers—web servers, email servers, database servers, etc. Security systems—computers controlling card readers and audio/video equipment at remote entry/exit points Package Includes CD-ROM with WatchDog Software and PowerAlert Software Installation instructions Site licenses, if applicable (corresponding to the number of licenses ordered) 1 / 2 |
Numéro de pièce similaire - WATCHDOGSW |
|
Description similaire - WATCHDOGSW |