| Moteur de recherche de fiches techniques de composants électroniques |
|
SD403BD Fiches technique(PDF) 1 Page - Calogic, LLC |
|
|
|||||||||||||||||||||||||||||
SD403BD Fiches technique(HTML) 1 Page - Calogic, LLC |
|
1 / 3 page ![]() High Speed DMOS N-Channel Switch SD403 FEATURES •• Ultra High Speed Switching . . . . . . . . . . . . . . . . . tr < 1ns •• Very Low Capacitance. . . . . . . . . . . . . . crss 0.4pf typical •• CMOS and TTL Compatible Input •• Low ON Resistance. . . . . . . . . . . . . . . . . 40 ohms typical APPLICATIONS •• Switch Drivers •• Video Switches •• Samples and Hold •• Track and Hold •• VHF/UHFAmplifiers DESCRIPTION The Calogic SD403 is an N-Channel Enhancement-Mode Lateral DMOS FET. This product has very low capacitance, (crss < 0.4pf typical) allowing for high speed switching (tr 1ns). The SD403 is a high gain device (19mmhos) and has good performance values for sample and hold circuits, video switches and switch drivers where lower capacitance and high speed switching are critical. ORDERING INFORMATION Part Package Temperature Range SD403BD Plastic TO-92 -55 to +125 oC SD403CY SOT-143 Surface Mount -55 to +125 oC XSD403 Sorted Chips in Carriers -55 to +125 oC LLC PIN CONFIGURATION D S G TO-92 SCHEMATIC DIAGRAM BODY (4) SOURCE (1) DRAIN (2) GATE (3) SOT-143 CD1-1 SOURCE (1) GATE (3) DRAIN (2) TO-92 GATE (3) DRAIN (2) BODY (4) SOURCE (1) SOT-143 PRODUCT MARKING SD403CY SD403 CALOGIC LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX DS060 REV A |
Numéro de pièce similaire - SD403BD |
|
Description similaire - SD403BD |