Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

25TTS08STRR Fiches technique(PDF) 6 Page - International Rectifier

No de pièce 25TTS08STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

25TTS08STRR Fiches technique(HTML) 6 Page - International Rectifier

  25TTS08STRR Datasheet HTML 1Page - International Rectifier 25TTS08STRR Datasheet HTML 2Page - International Rectifier 25TTS08STRR Datasheet HTML 3Page - International Rectifier 25TTS08STRR Datasheet HTML 4Page - International Rectifier 25TTS08STRR Datasheet HTML 5Page - International Rectifier 25TTS08STRR Datasheet HTML 6Page - International Rectifier 25TTS08STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
25TTS.. S Series
9G3A
25TTS12S
9512
EXAMPLE: THIS IS AN 25TTS12S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
Tape & Reel Information
Dimensions in millimeters and inches
TRR
FEED DIR ECTION
TRL
FEED DIRECTION
10 .90 (0.429)
10 .70 (0.421)
16 .10 (0.634)
15 .90 (0.626)
1.75 (0.069)
1.25 (0.049)
1.85 (0.073)
1.65 (0.065)
4.10 ( 0.161)
3.90 ( 0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0. 063)
1.50 (0. 059)
DIA.
11 .60 (0.457)
11 .40 (0.449)
15 .42 (0.609)
15 .22 (0.601)
4.72 (0.186)
4.52 (0.178)
24.30 (0 .95 7)
23.90 (0 .94 1)
0. 368 (0.0145)
0. 342 (0.0135)
360 (14.173)
D IA. M AX.
26 .40 (1.039)
24 .40 (0.961)
13.50 ( 0.5 32)
12.80 ( 0.5 04)
DI A.
60 (2.362)
DIA . M IN .
SMD-220 Tape & Reel
When ordering, indic ate th e part
number, part orie ntation, and the
quantity. Qu antitie s are in multiples
of 800 pieces p er reel fo r both
TRL and T RR.
(K)
(G)
(A)
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7