| Moteur de recherche de fiches techniques de composants électroniques |
|
25TTS Fiches technique(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
25TTS Fiches technique(HTML) 6 Page - International Rectifier |
|
6 / 7 page ![]() 6 25TTS.. S Series 9G3A 25TTS12S 9512 EXAMPLE: THIS IS AN 25TTS12S INTERNATIONAL RECTIFIER LOGO PART NUMBER Marking Information DATE CODE (YYWW) YY = YEAR WW = WEEK ASSEMBLY LOT CODE Tape & Reel Information Dimensions in millimeters and inches TRR FEED DIR ECTION TRL FEED DIRECTION 10 .90 (0.429) 10 .70 (0.421) 16 .10 (0.634) 15 .90 (0.626) 1.75 (0.069) 1.25 (0.049) 1.85 (0.073) 1.65 (0.065) 4.10 ( 0.161) 3.90 ( 0.153) 1.60 (0.063) 1.50 (0.059) DIA. 1.60 (0. 063) 1.50 (0. 059) DIA. 11 .60 (0.457) 11 .40 (0.449) 15 .42 (0.609) 15 .22 (0.601) 4.72 (0.186) 4.52 (0.178) 24.30 (0 .95 7) 23.90 (0 .94 1) 0. 368 (0.0145) 0. 342 (0.0135) 360 (14.173) D IA. M AX. 26 .40 (1.039) 24 .40 (0.961) 13.50 ( 0.5 32) 12.80 ( 0.5 04) DI A. 60 (2.362) DIA . M IN . SMD-220 Tape & Reel When ordering, indic ate th e part number, part orie ntation, and the quantity. Qu antitie s are in multiples of 800 pieces p er reel fo r both TRL and T RR. (K) (G) (A) To Order Next Data Sheet Index Previous Datasheet |