Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC8103 Fiches technique(PDF) 2 Page - NEC

No de pièce UPC8103
Description  MIXER OSCILLATOR IC FOR PAGER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC8103 Fiches technique(HTML) 2 Page - NEC

  UPC8103 Datasheet HTML 1Page - NEC UPC8103 Datasheet HTML 2Page - NEC UPC8103 Datasheet HTML 3Page - NEC UPC8103 Datasheet HTML 4Page - NEC UPC8103 Datasheet HTML 5Page - NEC UPC8103 Datasheet HTML 6Page - NEC UPC8103 Datasheet HTML 7Page - NEC UPC8103 Datasheet HTML 8Page - NEC UPC8103 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
µPC8103T, µPC8108T
2
INTERNAL BOLOCK DIAGRAM (IN COMMON)
BIAS
4
5
6
3
2
1
SYSTEM APPLICATION EXAMPLE AS PAGER
PC8102T
µ
BPF
PC8103T
µ
BPF
IF
150 MHz to 330 MHz
Low noise
transistor
BPF
PC8108T
µ
BPF
IF
450 MHz to 930 MHz
This system application example schematically presents the chip set product line-up only, and does not
imply a detail application circuit (In the case of application circuit example for
µPC8103T and µPC8108T, please
refer to page 21).
For details on the related devices, refer to the latest data sheet of each device.
Note
Resonator must be externally
equipped with 3 and 4 pins.
(Refer to pin explanations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com