Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC8002 Fiches technique(PDF) 14 Page - NEC

No de pièce UPC8002
Description  SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC8002 Fiches technique(HTML) 14 Page - NEC

Back Button UPC8002 Datasheet HTML 10Page - NEC UPC8002 Datasheet HTML 11Page - NEC UPC8002 Datasheet HTML 12Page - NEC UPC8002 Datasheet HTML 13Page - NEC UPC8002 Datasheet HTML 14Page - NEC UPC8002 Datasheet HTML 15Page - NEC UPC8002 Datasheet HTML 16Page - NEC UPC8002 Datasheet HTML 17Page - NEC UPC8002 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
µPC8002
14
(3) IF amplifier output level vs IF amplifier input level
(4) IF amplifier output phase vs IF amplifier input level
0
_ 20
_ 10
_ 30
_ 120
_ 20
_ 100
_ 80
_ 60
_ 40
0
[dBm]
IF amplifier input level
_ 3dB
Limiting sensitivity
140
100
_ 70
_ 20
_ 60
_ 50
_ 40
_ 30
_ 10
[dBm]
IF amplifier input level
120
130
110
Phase fluctuation
Test input level range
_ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32