Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7341 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce ADV7341
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7341 Fiches technique(HTML) 15 Page - Analog Devices

Back Button ADV7341_15 Datasheet HTML 11Page - Analog Devices ADV7341_15 Datasheet HTML 12Page - Analog Devices ADV7341_15 Datasheet HTML 13Page - Analog Devices ADV7341_15 Datasheet HTML 14Page - Analog Devices ADV7341_15 Datasheet HTML 15Page - Analog Devices ADV7341_15 Datasheet HTML 16Page - Analog Devices ADV7341_15 Datasheet HTML 17Page - Analog Devices ADV7341_15 Datasheet HTML 18Page - Analog Devices ADV7341_15 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
Data Sheet
ADV7340/ADV7341
Rev. C | Page 15 of 108
Figure 7. ED/HD-SDR Only, 24-/30-Bit, 4:4:4 RGB Pixel Input Mode (Input Mode 001)
Figure 8. ED/HD-DDR Only, 8-/10-Bit, 4:2:2 YCrCb (HSYNC/VSYNC) Pixel Input Mode (Input Mode 010)
Figure 9. ED/HD-DDR Only, 8-/10-Bit, 4:2:2 YCrCb (EAV/SAV) Pixel Input Mode (Input Mode 010)
CLKIN_A
C9 TO C2/
C9 TO C0
G0
G1
G2
G3
G4
G5
B0
B1
B2
B3
B4
B5
R0
R1
R2
R3
R4
R5
Y9 TO Y2/
Y9 TO Y0
CONTROL
OUTPUTS
S9 TO S2/
S9 TO S0
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
t9
t10
t12
t11
t14
t13
CLKIN_A*
Y9 TO Y2/
Y9 TO Y0
*LUMA/CHROMA CLOCK RELATIONSHIP CAN BE INVERTED
USING SUBADDRESS 0x01, BITS 1 AND 2.
CONTROL
OUTPUTS
Cr2
Y2
Cb2
Y1
Cr0
Y0
Cb0
t9
t10
t12
t11
t12
t11
t14
t13
P_HSYNC,
P_VSYNC,
CONTROL
INPUTS
P_BLANK
Y1
Cr0
Y0
Cb0
XY
00
00
3FF
*LUMA/CHROMA CLOCK RELATIONSHIP CAN BE INVERTED
USING SUBADDRESS 0x01, BITS 1 AND 2.
CLKIN_A*
Y9 TO Y2/
Y9 TO Y0
CONTROL
OUTPUTS
t9
t10
t12
t11
t12
t11
t14
t13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More