Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS32 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce SS32
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS32 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS32 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SS32 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Schottky Diodes
SS32 THRU SS310
■
Features
●
For surface mounted applications.
●
Low profile package.
●
Metal silicon junction, majority carrier conduction.
●
Low power loss, high efficiency.
●
High current capability, low forward voltage drop.
●
High surge capability.
2.108
2.348
1
2
4.699
4.064
5.588
5.080
3.937
3.302
2.108
1.905
4.12
3.92
2.65
2.45
5.59
5.39
2.10
2.30
1.270
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AA(SMB)
Unit: mm
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol SS32 SS33 SS34 SS35 SS36 SS38 SS39 SS310 Unit
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
90
100
Maximum RMS voltage
VRMS
14
21
28
35
42
56
63
70
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
90
100
Maximum average forward rectified current
IAV
Peak forward surge current
IFSM
Maximum instantaneous forward voltage *1
VF
V
Maximum instantaneous reverse
Ta = 25℃ *1
current at rated DC blocking voltage Ta = 70℃ *1
Thermal Resistance Junction to Ambient *3
RθJA
℃
/W
Junction Temperature
TJ
Storage temperature range
Tstg
55
-65 to 150
0.7
0.85
0.5
20
℃
IR
V
A
mA
pF
3
70
0.55
*1
*2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
. Pulse test: 300μS pulse width, 1% duty cycle.
*3. P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas.
10
-65 to 125
-65 to 150
Typical Junction capacitance *2
CJ
500
300


Numéro de pièce similaire - SS32

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS32 SSE-SS32 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS32 GE-SS32 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS32 MCC-SS32 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Description similaire - SS32

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com