Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F6453NJFD Fiches technique(PDF) 19 Page - Renesas Technology Corp

No de pièce R5F6453NJFD
Description  RENESAS MCU
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6453NJFD Fiches technique(HTML) 19 Page - Renesas Technology Corp

Back Button R5F6453NJFD Datasheet HTML 15Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 16Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 17Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 18Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 19Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 20Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 21Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 22Page - Renesas Technology Corp R5F6453NJFD Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 150 page
background image
R01DS0074EJ0120 Rev.1.20
Page 19 of 144
Aug 07, 2013
R32C/153 Group
3. Memory
3.
Memory
Figure 3.1 shows the memory map of the R32C/153 Group.
The R32C/153 Group provides a 4-Gbyte address space from 00000000h to FFFFFFFFh.
The internal ROM is mapped from address FFFFFFFFh in the inferior direction. For example, the 1-Mbyte
internal ROM is mapped from FFF00000h to FFFFFFFFh.
The fixed interrupt vector table contains the start address of interrupt handlers and is mapped from
FFFFFFDCh to FFFFFFFFh.
The internal RAM is mapped from address 00000400h in the superior direction. For example, the 48-Kbyte
internal RAM is mapped from 00000400h to 0000C3FFh. Besides being used for data storage, the internal
RAM functions as a stack(s) for subroutine calls and/or interrupt handlers.
Special function registers (SFRs), which are control registers for peripheral functions, are mapped from
00000000h to 000003FFh, and from 00040000h to 0004FFFFh. Unoccupied SFR locations are reserved,
and no access is allowed.
Figure 3.1
Memory Map
Internal RAM
SFR1
SFR2
Internal ROM
00000000h
FFFFFFFFh
Reset
NMI
Reserved
Watchdog timer (2)
Reserved
Reserved
BRK instruction
Overflow
Undefined instruction
FFFFFFFFh
FFFFFFDCh
Notes:
1. The flash memory version provides two additional 4-Kbyte spaces (blocks A and B) for storing data.
2. The watchdog timer interrupt shares a vector with the oscillator stop detection interrupt and low voltage
detection interrupt.
YYYYYYYYh
00000400h
0000C400h
Reserved
00040000h
Internal ROM
(Data space) (1)
00060000h
00062000h
Reserved
00050000h
Reserved
Internal ROM
Capacity
YYYYYYYYh
768 Kbytes FFF40000h
1 Mbyte
FFF00000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com