Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBRF20100CT Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce MBRF20100CT
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MBRF20100CT Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MBRF20100CT Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MBRF20100CT Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIP Type
www.kexin.com.cn
2
Diodes
Schottky Diodes
MBRF20100CT
■
Typical Characterisitics
Figure 1. Typical Forward Voltage Characteristics
(per diode)
Figure 3. Typical Junction Capacitance
(per diode)
Figure 5. Forward Current Derating Curve
Figure 2. Typical Reverse Current
vs. Reverse Voltage (per diode)
Figure 4. Thermal Impedance Characteristics
(per diode)
Figure 6. Non-Repetive Surge Current
(per diode)
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
T
J=125
oC
T
J=75
oC
T
J=25
oC
Forward Voltage Drop, V
F[V]
0
20
40
60
80
100
80
90
100
200
300
400
500
600
700
800
900
1000
T
J=25
oC
Reverse Voltage, V
R[V]
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
DC
Case Temperature, T
C[
oC]
20
40
60
80
100
1E-3
0.01
0.1
1
10
T
J=125
oC
T
J=75
oC
T
J=25
oC
Reverse Voltage, V
R[V]
100µ
1m
10m
100m
1
10
100
0.1
1
10
Pulse Duration [s]
0
0
1
0
1
1
0
50
100
150
200
250
Number of Cycles @ 60Hz



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com