| Moteur de recherche de fiches techniques de composants électroniques |
|
RD2.0EB4 Fiches technique(PDF) 1 Page - NEC |
|
|
|||||||||||||||||||||||||||||
RD2.0EB4 Fiches technique(HTML) 1 Page - NEC |
|
1 / 12 page ![]() ZENER DIODES DESCRIPTION NEC Type RD2.0E to RD200E Series are planar type zener diode in the popular DO-35 package with DHD (Double Heatsink Diode) construction having allowable power dissipation of 500 mW. To meet various application at customers, Vz (zener voltage) is classified into the tight tolerance under the specific suffix (B, B1 to B7). FEATURES • DHD (Double Heatsink Diode) Construction •Vz: Applied E24 standard (RD130E to RD200E: 10 volts step) • DO-35 Glass sealed package ORDER INFORMATION RD2.0 E to RD39E with suffix “B1”, “B2”, “B3”, “B4”, “B5”, “B6” or “B7” should be applied for orders for suffix “B”. RD2.0E to RD200E Document No. D10213EJ5V0DS00 (5th edition) Date Published December 1998 N CP(K) Printed in Japan 500 mW DHD ZENER DIODE (DO-35) APPLICATIONS Circuits for Constant Voltage, Constant Current, Waveform Clipper, Surge absorber, etc. ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C) Forward Current IF 200 mA Power Dissipation P 500 mW Surge Reverse Power PRSM 100 W (t = 10 µs) to see Fig. 17 Junction Temperature Tj 175 ˚C Storage Temperature Tstg –65 to +175 ˚C 0.5 φ 2.0 MAX. φ Cathode indication (in millimeters) PACKAGE DIMENSIONS © 1981 DATA SHEET |
Numéro de pièce similaire - RD2.0EB4 |
|
Description similaire - RD2.0EB4 |