Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC3202 Fiches technique(PDF) 18 Page - NEC

No de pièce UPC3202
Description  FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC3202 Fiches technique(HTML) 18 Page - NEC

Back Button UPC3202 Datasheet HTML 12Page - NEC UPC3202 Datasheet HTML 13Page - NEC UPC3202 Datasheet HTML 14Page - NEC UPC3202 Datasheet HTML 15Page - NEC UPC3202 Datasheet HTML 16Page - NEC UPC3202 Datasheet HTML 17Page - NEC UPC3202 Datasheet HTML 18Page - NEC UPC3202 Datasheet HTML 19Page - NEC UPC3202 Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet P12151EJ3V0DS00
18
µµµµPC3202GR
PACKAGE DIMENSIONS
20 PIN PLASTIC SSOP (225 mil) (UNIT: mm)
20
detail of lead end
1.8 MAX.
3˚
+7˚
–3˚
0.65
0.10 M
0.15
0.5
± 0.2
11
110
6.7
± 0.3
1.5
± 0.1
0.1
± 0.1
0.22
+0.10
–0.05
0.575 MAX.
0.15
+0.10
–0.05
6.4
± 0.2
4.4
± 0.1
1.0
± 0.2
NOTE
Each lead centerline is located within 0.10 mm of its true position (T.P.) at maximum material condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20