Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

W9812G2KB Fiches technique(PDF) 2 Page - Winbond

No de pièce W9812G2KB
Description  1M X 4 BANKS X 32 BITS SDRAM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINBOND [Winbond]
Site Internet  http://www.winbond.com
Logo WINBOND - Winbond

W9812G2KB Fiches technique(HTML) 2 Page - Winbond

  W9812G2KB Datasheet HTML 1Page - Winbond W9812G2KB Datasheet HTML 2Page - Winbond W9812G2KB Datasheet HTML 3Page - Winbond W9812G2KB Datasheet HTML 4Page - Winbond W9812G2KB Datasheet HTML 5Page - Winbond W9812G2KB Datasheet HTML 6Page - Winbond W9812G2KB Datasheet HTML 7Page - Winbond W9812G2KB Datasheet HTML 8Page - Winbond W9812G2KB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
W9812G2KB
Publication Release Date: Jun. 20, 2014
- 2 -
Revision: A01
10.4
Mode Register Set Cycle .............................................................................................. 21
11.
OPERATINOPERATING TIMING EXAMPLE........................................................................... 22
11.1
Interleaved Bank Read (Burst Length = 4, CAS Latency = 3)...................................... 22
11.2
Interleaved Bank Read (Burst Length = 4, CAS Latency = 3, Auto-precharge) ........... 23
11.3
Interleaved Bank Read (Burst Length = 8, CAS Latency = 3)...................................... 24
11.4
Interleaved Bank Read (Burst Length = 8, CAS Latency = 3, Auto-precharge) ........... 25
11.5
Interleaved Bank Write (Burst Length = 8) ................................................................... 26
11.6
Interleaved Bank Write (Burst Length = 8, Auto-precharge) ........................................ 27
11.7
Page Mode Read (Burst Length = 4, CAS Latency = 3) .............................................. 28
11.8
Page Mode Read/Write (Burst Length = 8, CAS Latency = 3) ..................................... 29
11.9
Auto-precharge Read (Burst Length = 4, CAS Latency = 3) ........................................ 30
11.10
Auto-precharge Write (Burst Length = 4) .................................................................... 31
11.11
Auto Refresh Cycle ..................................................................................................... 32
11.12
Self Refresh Cycle....................................................................................................... 33
11.13
Bust Read and Single Write (Burst Length = 4, CAS Latency = 3)............................. 34
11.14
Power down Mode....................................................................................................... 35
11.15
Auto-precharge Timing (Write Cycle) .......................................................................... 36
11.16
Auto-precharge Timing (Read Cycle).......................................................................... 37
11.17
Timing Chart of Read to Write Cycle........................................................................... 38
11.18
Timing Chart of Write to Read Cycle........................................................................... 38
11.19
Timing Chart of Burst Stop Cycle (Burst Stop Command).......................................... 39
11.20
Timing Chart of Burst Stop Cycle (Precharge Command) .......................................... 39
11.21
CKE/DQM Input Timing (Write Cycle) ......................................................................... 40
11.22
CKE/DQM Input Timing (Read Cycle)......................................................................... 41
12.
PACKAGE SPECIFICATION .................................................................................................... 42
13.
REVISION HISTORY ................................................................................................................ 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43