Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS8-RTX2010RH-Q Fiches technique(PDF) 21 Page - Intersil Corporation

No de pièce HS8-RTX2010RH-Q
Description  Radiation Hardened Real Time Express??Microcontroller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS8-RTX2010RH-Q Fiches technique(HTML) 21 Page - Intersil Corporation

Back Button HS8-RTX2010RH-Q Datasheet HTML 17Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 18Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 19Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 20Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 21Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 22Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 23Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 24Page - Intersil Corporation HS8-RTX2010RH-Q Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
HS-RTX2010RH Interrupt Controller
The HS-RTX2010RH Interrupt Controller manages interrupts
for the HS-RTX2010RH Microcontroller core. Its sources
include two on-chip peripherals and six external interrupt
inputs. The two classes of on-chip peripherals that produce
interrupts are the Stack Controllers and the Timer/Counters.
Interrupt Controller Operation
When one of the interrupt sources requests an interrupt, the
Interrupt Controller checks whether the interrupt is masked
in the Interrupt Mask Register. If it is not, the controller
attempts to interrupt the processor. If processor interrupts
are enabled (bit 4 of the Configuration Register), the
processor will execute an Interrupt Acknowledge cycle,
during which it disables interrupts to ensure proper
completion of the INTA cycle.
In response to the Interrupt Acknowledge cycle, the Interrupt
Controller places an Interrupt Vector on the internal ASIC
Bus, based on the highest priority pending interrupt. The
processor performs a special Subroutine Call to the address
in Memory Page 0 contained in the vector. This special
subroutine call is different in that it saves a status bit on the
Return Stack indicating the call was caused by an interrupt.
Thus, when the Interrupt Handler executes a Subroutine
Return, the processor knows to automatically re-enable
interrupts. Before the Interrupt Handler returns, it must
ensure that the condition that caused the interrupt is cleared.
Otherwise the processor will again be interrupted
immediately upon its return.
Processor interrupts are enabled and disabled by clearing
and setting the Interrupt Disable Flag. When the RTX is
reset, this flag is set (bit 04 of the
= 1), disabling the
interrupts. This bit is a write-only bit that always reads as 0,
allowing interrupts to be enabled in only 2 cycles with a
simple read/write operation in which the processor reads the
bit value, then writes it back to the same location. The actual
status of the Interrupt Disable Flag can be read from bit 14
of
.
ACTIVATE
TIMEOUT
INTERRUPT
ACTIVATE
TIMEOUT
INTERRUPT
ACTIVATE
TIMEOUT
INTERRUPT
EXECUTE
COUNT
EXECUTE
COUNT
EXECUTE
COUNT
INTERRUPT
RESET
INTERRUPT
RESET
INTERRUPT
RESET
INTERRUPT
CONTROLLER
PRELOAD
REGISTER
TP2
INTA CYCLE OR
ASIC READ COMMAND
LOAD
TC0
RISING
EDGE
TCLK
RISING
EDGE
TCLK
REGISTER
PRELOAD
REGISTER
TP0
TIMER/COUNTER
TIMER/COUNTER
LOAD
TC1
TIMER/COUNTER
LOAD
TC2
PRELOAD
REGISTER
TP1
TOP
FIGURE 23. HS-RTX2010RH TIMER/COUNTER OPERATION
TABLE 3. TIMER/COUNTER
BIT VALUES
TIMER CLOCK SOURCE
BIT 09
BIT 08
0
0
TCLK
TCLK
TCLK
0
1
TCLK
TCLK
EI3
1
0
TCLK
EI4
EI3
1
1
EI5
EI4
EI3
IBC
TC2
TC1
TC0
CR
CR
HS-RTX2010RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com