| Moteur de recherche de fiches techniques de composants électroniques |
|
70353C Fiches technique(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
70353C Fiches technique(HTML) 71 Page - Microchip Technology |
|
71 / 76 page ![]() CiRXF12SID SID<10:3> SID<2:0> — EXIDE — EID<17:16> xxxx CiRXF12EID EID<15:8> EID<7:0> xxxx CiRXF13SID SID<10:3> SID<2:0> — EXIDE — EID<17:16> xxxx CiRXF13EID EID<15:8> EID<7:0> xxxx CiRXF14SID SID<10:3> SID<2:0> — EXIDE — EID<17:16> xxxx CiRXF14EID EID<15:8> EID<7:0> xxxx CiRXF15SID SID<10:3> SID<2:0> — EXIDE — EID<17:16> xxxx CiRXF15EID EID<15:8> EID<7:0> xxxx Table 21-6: ECAN Register Map When C1CTRL1.WIN = 1 (Continued) File Name Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: Not all bits are available for all devices. Please refer to the “Enhanced Controller Area Network (ECAN™)” chapter in the specific device data sheet for more details. |