| Moteur de recherche de fiches techniques de composants électroniques |
|
ADE7758 Fiches technique(PDF) 15 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7758 Fiches technique(HTML) 15 Page - Analog Devices |
|
15 / 72 page ![]() Data Sheet ADE7758 Rev. E | Page 15 of 72 0.4 –0.5 –0.4 –0.2 –0.3 –0.1 0 0.1 0.2 0.3 0.01 0.1 1 10 100 PERCENT FULL-SCALE CURRENT (%) +25 °C +85 °C –40 °C PF = 0 Figure 24. Reactive Energy Error as a Percentage of Reading (Gain = +4) over Temperature with Internal Reference and Integrator On 0.5 0.4 –0.5 –0.4 –0.2 –0.3 –0.1 0 0.1 0.2 0.3 45 47 49 51 53 55 57 59 61 63 65 LINE FREQUENCY (Hz) PF = 1 PF = 0.5 Figure 25. Active Energy Error as a Percentage of Reading (Gain = +4) over Frequency with Internal Reference and Integrator On 1.2 1.0 –0.8 –0.6 –0.2 –0.4 0 0.2 0.4 0.6 0.8 45 47 49 51 53 55 57 59 61 63 65 LINE FREQUENCY (Hz) PF = 0.866 PF = 0 Figure 26. Reactive Energy Error as a Percentage of Reading (Gain = +4) over Frequency with Internal Reference and Integrator On 0.8 0.6 –1.2 –1.0 –0.6 –0.8 –0.4 –0.2 0 0.2 0.4 0.01 0.1 1 10 100 PF = 0.5 PERCENT FULL-SCALE CURRENT (%) PF = 1 Figure 27. IRMS Error as a Percentage of Reading (Gain = +1) with Internal Reference and Integrator Off 0.8 0.6 –1.0 –0.6 –0.8 –0.4 –0.2 0 0.2 0.4 0.1 1 10 100 PF = +1 PF = –0.5 PERCENT FULL-SCALE CURRENT (%) Figure 28. IRMS Error as a Percentage of Reading (Gain = +4) with Internal Reference and Integrator On 0.4 –0.4 –0.3 –0.2 –0.1 0 0.1 0.2 0.3 1 10 100 VOLTAGE (V) Figure 29. VRMS Error as a Percentage of Reading (Gain = +1) with Internal Reference |