| Moteur de recherche de fiches techniques de composants électroniques |
|
UPC1663GV-E1 Fiches technique(PDF) 8 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPC1663GV-E1 Fiches technique(HTML) 8 Page - NEC |
|
8 / 16 page ![]() Data Sheet G11024EJ6V0DS00 8 µµµµPC1663 APPLICATION CIRCUIT EXAMPLES EXAMPLE 1 Video Line Driver Circuit Example Input 75 Ω 75 Ω 200 Ω Output 75 Ω 75 Ω COAXIAL 200 Ω –6 V +6 V 0.1 F µ µPC1663 2.0 1.0 0 100 k 1 M 10 M Frequency f (Hz) MAXIMUM OUTPUT VOLTAGE vs. FREQUENCY (VIDEO LINE, SINGLE-ENDED) PHASE CHARACTERISTICS vs. FREQUENCY 100 M 1 G 100 k 0 –45 –90 –135 –180 1 M 10 M Frequency f (Hz) 100 M Gain 1 Gain 2 VCC± = ±6 V VCC± = ±6 V Remark Differential output voltage is double of single-ended output voltage. |