| Moteur de recherche de fiches techniques de composants électroniques |
|
BCX53 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
BCX53 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd |
|
1 / 2 page ![]() SMD Type Transistors 1 Features Absolute Maximum Ratings Ta = 25 ti n U g n it a R l o b m y S r e t e m a r a P Collector-base voltage BCX51 VCBO -45 V V 0 6 - 2 5 X C B V 0 0 1 - 3 5 X C B Collector-emitter voltage BCX51 VCEO -45 V V 0 6 - 2 5 X C B V 0 8 - 3 5 X C B V e g a tl o v e s a b -r e tt i m E EBO -5 V I t n e rr u c r o t c e ll o C C -1 A I t n e rr u c r o t c e ll o c k a e P CM -1.5 A I t n e rr u c e s a b k a e P BM -200 mA P n o it a p i s s i d r e w o p l a t o T tot 1.3 W T e r u t a r e p m e t e g a r o t S stg -65 to +150 T e r u t a r e p m e t n o it c n u J j 150 T e r u t a r e p m e t t n e i b m a g n it a r e p O amb -65 to +150 Thermal resistance from junction to ambient Rth(j-a) 94 K/W Thermal resistance from junction to solder point Rth(j-s) 14 K/W www.kexin.com.cn BCX51、BCX52、BCX53 ( KCX51、KCX52、KCX53) PNP Transistors ● NPN Complements to BCX54,BCX55,BCX56 ● Low Voltage ● High Current 1.Base 2.Collector 3.Emitter 1.70 0.1 0.42 0.1 0.46 0.1 |
Numéro de pièce similaire - BCX53_15 |
|
Description similaire - BCX53_15 |