Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FTLF1424P2CD Fiches technique(PDF) 6 Page - Finisar Corporation.

No de pièce FTLF1424P2CD
Description  4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1424P2CD Fiches technique(HTML) 6 Page - Finisar Corporation.

Back Button FTLF1424P2CD Datasheet HTML 2Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 3Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 4Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 5Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 6Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 7Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 8Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 9Page - Finisar Corporation. FTLF1424P2CD Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FTLF1424P2xCR and FTLF1424P2xCD SFP Product Specification – April 2007
F i n i s a r
© Finisar Corporation April 5, 2007 Rev F1
Page 6
VIII. Digital Diagnostic Functions
Finisar FTLF1424P2xCR and FTLF1424P2xCD SFP transceivers support the 2-wire
serial communication protocol as defined in the SFP MSA
1. It is very closely related to
the E
2PROM defined in the GBIC standard, with the same electrical specifications.
The standard SFP serial ID provides access to identification information that describes
the transceiver’s capabilities, standard interfaces, manufacturer, and other information.
Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic
monitoring interface, which allows real-time access to device operating parameters such
as transceiver temperature, laser bias current, transmitted optical power, received optical
power and transceiver supply voltage. It also defines a sophisticated system of alarm and
warning flags, which alerts end-users when particular operating parameters are outside of
a factory set normal range.
The SFP MSA defines a 256-byte memory map in E
2PROM that is accessible over a
2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic
monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally
defined serial ID memory map remains unchanged. The interface is identical to, and is
thus fully backward compatible with both the GBIC Specification and the SFP Multi
Source Agreement. The complete interface is described in Finisar Application Note AN-
2030: “Digital Diagnostics Monitoring Interface for SFP Optical Transceivers”.
The operating and diagnostics information is monitored and reported by a Digital
Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed
through a 2-wire serial interface. When the serial protocol is activated, the serial clock
signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the
SFP transceiver into those segments of the E
2PROM that are not write-protected. The
negative edge clocks data from the SFP transceiver. The serial data signal (SDA, Mod
Def 2) is bi-directional for serial data transfer. The host uses SDA in conjunction with
SCL to mark the start and end of serial protocol activation. The memories are organized
as a series of 8-bit data words that can be addressed individually or sequentially.
For more information, please see the SFP MSA documentation
1,5 or Finisar Application
Note AN-2030.
FTLF1424P2xCR and FTLF1424P2xCD transceivers can be used in host systems that
require either internally or externally calibrated digital diagnostics.
Please note that evaluation board FDB-1018 is available with Finisar ModDEMO
software that allows simple to use communication over the 2-wire serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com